Part Number Hot Search : 
1M4738A M25PX32 74HCT3 55473 FR230 206L02 1N5378B CD54A
Product Description
Full Text Search
 

To Download BC350-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
BC350
FEATURES Power dissipation PCM : 0.3 W Tamb=25ae(c) Collector current ICM: -0.1 A Collector-base voltage V(BR)CBO : -50 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae unless TRANSISTOR (PNP) TO 92
1.EMITTER
2. BASE
3. COLLECTOR
123
otherwise
specified(c)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEO IEBO hFE VCEsat VBEsat
Test
conditions
MIN -50 -45 -5
TYP
MAX
UNIT V V V
Ic= -100|I IE=0 A IC= -1mA, IB=0 IE= -100|I AIC=0 VCB=-50V, IE=0 VCE=-35V, IB=0 VEB= -3V, IC=0 VCE=-5 V, IC= -2mA IC= -10mA, IB= -1mA IC= -10mA, IB= -1mA VCE=-5 V,IC=-10mA, f=30MHz
-0.1 -0.1 -0.1 40 450 -0.3 -1 125
|I A |I A |I A
V V MHz
fT
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of BC350-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X